Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download KBPC3500I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC 3500 I ... KBPC 3510 I Silicon-Bridge Rectifiers Silizium-Bruckengleichrichter
Type "I"
Nominal current Nennstrom Alternating input voltage Eingangswechselspannung Plastic case with alu-bottom Kunststoffgeh. mit Alu-Boden Dimensions Abmessungen
35 A 35...700 V
28.6 x 28.6 x 10 [mm] 23 g
Weight approx. - Gewicht ca. Compound has classification UL94V-0 Vergumasse UL94V-0 klassifiziert
Dimensions / Mae in mm
Standard packaging: bulk see page 22 Standard Lieferform: lose im Karton s.Seite 22
Maximum ratings Type Typ KBPC 3500 I KBPC 3501 I KBPC 3502 I KBPC 3504 I KBPC 3506 I KBPC 3508 I KBPC 3510 I max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 80 A 2) 360 A 400 A 660 A2s
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms
1 2
f > 15 Hz TA = 25/C TA = 25/C TA = 25/C
IFRM IFSM IFSM i2t
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if the temperature of the case is kept to 120/C - Gultig, wenn die Gehausetemp. auf 120/C gehalten wird 332 28.02.2002
KBPC 3500 I ... KBPC 3510 I Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+150/C - 50...+150/C
Characteristics Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom TA = 50/C Tj = 25/C Tj = 25/C R-load C-load IF = 17.5 A VR = VRRM IFAV IFAV VF IR VISO RthC 10-32 UNF M5
Kennwerte 35.0 A 28.0 A < 1.1 V 1) < 25 :A > 2500 V < 1.5 K/W 18 10% lb.in 2 10% Nm
Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment
1
) Valid for one branch - Gultig fur einen Bruckenzweig 28.02.2002
333


▲Up To Search▲   

 
Price & Availability of KBPC3500I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X